Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STIL08T5 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STIL08T5
Description  AC INRUSH CURRENT LIMITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL08T5 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STIL08T5 Datasheet HTML 3Page - STMicroelectronics STIL08T5 Datasheet HTML 4Page - STMicroelectronics STIL08T5 Datasheet HTML 5Page - STMicroelectronics STIL08T5 Datasheet HTML 6Page - STMicroelectronics STIL08T5 Datasheet HTML 7Page - STMicroelectronics STIL08T5 Datasheet HTML 8Page - STMicroelectronics STIL08T5 Datasheet HTML 9Page - STMicroelectronics STIL08T5 Datasheet HTML 10Page - STMicroelectronics STIL08T5 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STIL
9/11
Figure 23: PENTAWATT HV2 Package Mechanical Data
Figure 24: PENTAWATT Terminals Package Mechanical Data
A
C
D
L3
E
L7
L6
H2
G2
G
F
A
H2
C
D
E
F
G
G2
Diam
L3
L6
L8
L7
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.19
7.70
0.165
0.185
C
1.14
1.40
0.044
0.055
D
2.5
2.72
0.098
0.107
E
0.38
0.51
0.015
0.020
F
0.66
0.82
0.026
0.032
G
2.54 Typ.
0.10 Typ.
G2
7.62 Typ.
0.30 Typ.
H2
10.04
10.29
0.395
0.405
L3
23.5 Typ.
0.925 Typ.
L6
9.90
10.16
0.389
0.400
L7
1.52 Typ.
0.059 Typ.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.19
7.70
0.165
0.303
C
1.14
1.40
0.045
0.055
D
2.5
2.72
0.098
0.107
E
0.38
0.51
0.015
0.020
F
0.66
0.82
0.026
0.032
G
2.54 Typ.
0.100 Typ.
G2
7.62 Typ.
0.300 Typ.
H2
10.03
10.29
0.394
0405
L3
28.68 Typ.
1.129 Typ.
L6
8.23
8.49
0.324
0.334
L7
6.15
6.25
0.242
0.246
L8
2.74 Typ.
0.108 Typ.
Diam.
3.71
3.96
0.146
0.156



Html Pages

1 2 3 4 5 6 7 8 9 10 11