Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7162D Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce ST7162D
Description  UNIVERSAL PROGRAMMABLE DUAL PLL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7162D Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button ST7162D Datasheet HTML 8Page - STMicroelectronics ST7162D Datasheet HTML 9Page - STMicroelectronics ST7162D Datasheet HTML 10Page - STMicroelectronics ST7162D Datasheet HTML 11Page - STMicroelectronics ST7162D Datasheet HTML 12Page - STMicroelectronics ST7162D Datasheet HTML 13Page - STMicroelectronics ST7162D Datasheet HTML 14Page - STMicroelectronics ST7162D Datasheet HTML 15Page - STMicroelectronics ST7162D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PFD DESCRIPTION (pin 10 & 15)
Outputs PDTX or PDRX produce an output pulse
current, sourcing or sinking, whose width de-
pends on the delay between falling edges of ref-
erence frequency and RF frequency divided. Sim-
plified schematic of both PFD is described in fig-
ure 10. When the current output is off, PFD is in
high impedance state. The voltage at PFD out-
puts pins depends on the loop filter and VCO char-
acteristics (Fig. 9)
D93TL012
REF RX
(REF TX)
FIN RX / N1
(FIN TX / N2)
OUTPUT
CURRENT
TRI-STATE
Figure 9: PD Output Current vs. FIN / REF. Frequencies.
LOOP
FILTER
PDTX,
PDRX
OUTPUT
CURRENT
to VCO
VDD
Iup
I down
VSS
D93TL013
Figure 10: Simplified schematic of PFD outputs.
When the loop is locked, to prevent a dead area
in the PFD gain due to switching delays, a very
short phase offset is introduced in the loop, so the
PFD output current show the following waveform
Fig. 11.
T = 1/REF
OUTPUT
CURRENT
TRI-STATE
t1 = 1/OSC IN Freq.
D93TL014
Figure 11: PD output current in locked condition.
ST7162
12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17