Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7162N Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce ST7162N
Description  UNIVERSAL PROGRAMMABLE DUAL PLL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7162N Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button ST7162N Datasheet HTML 9Page - STMicroelectronics ST7162N Datasheet HTML 10Page - STMicroelectronics ST7162N Datasheet HTML 11Page - STMicroelectronics ST7162N Datasheet HTML 12Page - STMicroelectronics ST7162N Datasheet HTML 13Page - STMicroelectronics ST7162N Datasheet HTML 14Page - STMicroelectronics ST7162N Datasheet HTML 15Page - STMicroelectronics ST7162N Datasheet HTML 16Page - STMicroelectronics ST7162N Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
SO16 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45
° (typ.)
D
10.1
10.5
0.397
0.413
E
10.0
10.65
0.393
0.419
e
1.27
0.050
e3
8.89
0.350
F
7.4
7.6
0.291
0.300
L
0.5
1.27
0.020
0.050
M
0.75
0.029
S8
° (max.)
ST7162
16/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17