Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC1021-RTR1 Fiches technique(PDF) 87 Page - Texas Instruments

No de pièce CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC1021-RTR1 Fiches technique(HTML) 87 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 83Page - Texas Instruments CC1021-RTR1 Datasheet HTML 84Page - Texas Instruments CC1021-RTR1 Datasheet HTML 85Page - Texas Instruments CC1021-RTR1 Datasheet HTML 86Page - Texas Instruments CC1021-RTR1 Datasheet HTML 87Page - Texas Instruments CC1021-RTR1 Datasheet HTML 88Page - Texas Instruments CC1021-RTR1 Datasheet HTML 89Page - Texas Instruments CC1021-RTR1 Datasheet HTML 90Page - Texas Instruments CC1021-RTR1 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
CC1021
SWRS045
Page 87 of 91
27.2. Recommended PCB Footprint for Package (QFN 32)
Note: The figure is an illustration only and not to scale. There are nine 14 mil (0.36 mm)
diameter via holes distributed symmetrically in the ground plane under the package. See also
the CC1020EMX reference design.
27.3. Package Thermal Properties
Thermal resistance
Air velocity
[m/s]
0
1
2
Rth,j-a [K/W]
21.4
18.9
17.0
27.4. Soldering Information
Recommended soldering profile for both standard leaded packages and Pb-free packages is
according to IPC/JEDEC J-STD-020C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92