| Moteur de recherche de fiches techniques de composants électroniques |
|
TCM810 Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM810 Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 14 page ![]() 2004 Microchip Technology Inc. DS21661C-page 7 TCM809/TCM810 4.0 PACKAGING INFORMATION 4.1 Package Marking Information Part Number SOT-23/SC-70 TCM809LENB J1 TCM809MENB J2 TCM809TENB J3 TCM809SENB J4 TCM809RENB J5 TCM809JENB J6 TCM809ZENB J7 TCM809LVNB/TCM809LVLB JZ TCM809MVNB/TCM809MVLB JY TCM809TVNB/TCM809TVLB JX TCM809SVNB/TCM809SVLB JV TCM809RVNB/TCM809RVLB JU TCM809JVNB/TCM809JVLB JT TCM809ZVNB/TCM809ZVLB JS (SC-70 package only) Part Number SOT-23/SC-70 TCM810LENB K1 TCM810MENB K2 TCM810TENB K3 TCM810SENB K4 TCM810RENB K5 TCM810ZENB K6 TCM810LVNB/TCM810LVLB KZ TCM810MVNB/TCM810MVLB KY TCM810TVNB/TCM810TVLB KX TCM810SVNB/TCM810SVLB KV TCM810RVNB/TCM810RVLB KU Legend: 1 Part Number + temperature range and voltage (two-digit code) 2 Part Number + temperature range and voltage (two-digit code) 3 Lot ID number 4 Year and work week 5 Year and work week 6 Year and work week Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. 3-Pin SOT-23B 3-Pin SC-70 Top Side Bottom Side |