Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

905 Fiches technique(PDF) 2 Page - Morse Mfg. Co., Inc.

No de pièce 905
Description  Model # 900 & 905 Drum Pourers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORSE [Morse Mfg. Co., Inc.]
Site Internet  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

905 Fiches technique(HTML) 2 Page - Morse Mfg. Co., Inc.

  905 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 6Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 7Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F900
(Updated 9 Jun, 2023 3:13 PM)
2
MADE
IN
USA
The Specialist In Drum Handling Equipment
Model # 900 & 905
Drum Pourers
Model # 900
Dum Pourer
Lift, transport and dispense a drum up to 10.5 feet (3.2 m) high!
Fully invert your drum in just 8 seconds with familiar ergonomic
controls. Capacity is 1500 Lb. (680 kg).
Model # 905
Scale-Equipped Drum Pourer
Adds the ability to weigh while you pour, so you can dispense just
the amount you need. Capacity is 800 Lb. (363 kg).
Lift, Transport and Pour a Drum up to 10.5 feet (3.2 m) high
OPTION 5115i-P
Web Strap & Ratchet
Standard MORCINCH Drum Holder
has Cinch Chain and Ratchet with
flexible chain cover
Morse < PILOT > Drum Pourers feature the MORCINCH
TM Drum Handling System
Manual-grip drum holder automatically adjusts for 22” to 23.5” (56 to 59.7 cm) diameter drum.
TM
Drum Handling System
Model #
Description
Capacity
Maximum
Lift Height
Domestic
Ship Weight
Domestic
Ship Dimensions
900
< PILOT > Power-Propelled Drum Pourer
1500 Lb. (680 kg)
10.5’ (3.2 m)
2230 Lb. (1012 kg) L86“ x W45“ H87“ (218 x 114 x 221 cm)
905
< PILOT > Scale-Equipped Power-Propelled Drum Pourer
800 Lb. (363 kg)
10.5’ (3.2 m)
2270 Lb. (1030 kg) L86“ x W45“ H87“ (218 x 114 x 221 cm)



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com