| Moteur de recherche de fiches techniques de composants électroniques |
|
201 Fiches technique(PDF) 4 Page - Morse Mfg. Co., Inc. |
|
|
|||||||||||||||||||||||||||||
201 Fiches technique(HTML) 4 Page - Morse Mfg. Co., Inc. |
|
4 / 7 page ![]() The Specialist In Drum Handling Equipment 201 Series Wheeled Portable Drum Rollers morsedrum.com Copyright 2023 - Morse Mfg. Co., Inc. Spec Sheet F201 (Updated 20 Jun, 2023) 4 Guard Enclosure Kits with Safety Interlock Guard Enclosure Kit Guard Enclosure Kit with Safety Interlock Gate Switch GEK-201-1 Fits Portable Drum Roller with 1-phase electric motor AC GEK-201-3 Fits Portable Drum Roller with 3-phase electric motor AC GEK-201-E1 Fits Portable Drum Roller with Explosion-proof 1-phase electric motor AC GEK-201-E3 Fits Portable Drum Roller with Explosion-proof 3-phase electric motor AC GEK-201-A Fits Portable Drum Roller with Air motor Air * Explosion Proof motors are rated for Class I Group D, and Class II Groups F and G Enclosures for Morse Portable Drum Rollers have a safety interlock to automatically shut off the drum roller when the gate is opened. Open the enclosure gate, place your drum onto the drum roller, then close the gate to allow operation. Connections are included for single-phase AC and for air powered models only. Customer to provide controls and connections for 3-phase AC and for explosion-proof AC models. Install all Morse Drum Rotators in accordance with OSHA requirements for enclosure and safety interlock, etc. Drum roller automatically turns off when enclosure door is opened. For OSHA compliance, see OSHA subpart O.1910.212(a)(4) “Barrels, containers, and drums. Revolving drums, barrels, and containers shall be guarded by an enclosure which is interlocked with the drive mechanism, so that the barrel, drum, or container cannot revolve unless the guard enclosure is in place.” Power connections and motor controls must comply with applicable codes. Comply with OSHA Requirements (Drum Roller Sold Separately) Outside Post-To-Post Dimensions L52” x W40” x H63.25” (132 x 102 x 161 cm) |