| Moteur de recherche de fiches techniques de composants électroniques |
|
MPF42791 Fiches technique(PDF) 56 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MPF42791 Fiches technique(HTML) 56 Page - Monolithic Power Systems |
|
56 / 75 page ![]() MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL MPF42791 Rev. 1.0 MonolithicPower.com 56 9/19/2022 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2022 MPS. All Rights Reserved. RCXN_CELLS_ LRN_EN, 0x1041 Enables ESR learning. 1, [3] R/W Control Enable = 1 Disable = 0 1 0 to 1 ICHG_CC_LRN_ EN, 0x1041 Enables charge CC learning. 1, [4] R/W Control Enable = 1 Disable = 0 1 0 to 1 ICHG_END_ LRN_EN, 0x1041 Enables charge termination current learning. 1, [5] R/W Control Enable = 1 Disable = 0 1 0 to 1 VCHG_CV_ LRN_EN, 0x1041 Enables charge CV learning. 1, [6] R/W Control Enable = 1 Disable = 0 1 0 to 1 IDIS_AVG_ LRN_EN, 0x1041 Enables discharge average current learning. 1, [7] R/W Control Enable = 1 Disable = 0 1 0 to 1 IDIS_END_ LRN_EN, 0x1042 Enables discharge termination current learning. 1, [0] R/W Control Enable = 1 Disable = 0 1 0 to 1 IDIS_END_ LRN_CONT_EN, 0x1042 Enables continuous discharge termination current learning. 1, [1] R/W Control Enable = 1 Disable = 0 1 0 to 1 THRM_MDL_ EN, 0x1042 Enables continuous discharge termination current learning. 1, [2] R/W Control Enable = 1 Disable = 0 1 0 to 1 HCONV_LRN_ EN, 0x1042 Enables continuous discharge termination current learning. 1, [3] R/W Control Enable = 1 Disable = 0 1 0 to 1 HCONV_LRN_ CONT_EN, 0x1042 Enables continuous discharge termination current learning. 1, [4] R/W Control Enable = 1 Disable = 0 1 0 to 1 PCHG_SHW_ EN, 0x1042 Sets the PCHG_SHW default value. 1, [7] R/W Control Enable = 1 Disable = 0 1 0 to 1 PDIS_SHW_EN, 0x1043 Sets the PDIS_SHW default value. 1, [0] R/W Control Enable = 1 Disable = 0 1 0 to 1 IT_DONE_ INTR_EN, 0x1080 Enables an IT_DONE_INTR (iteration complete) interrupt. 1, [0] R/W Control Enable = 1 Disable = 0 1 0 to 1 STATUS_INTR_ EN, 0x1080 Enables a STATUS_INTR (status changes) interrupt. 1, [1] R/W Control Enable = 1 Disable = 0 1 0 to 1 EMTY_LIM_ INTR_EN, 0x1080 Enables an EMTY_LIM_INTR (empty limiting factor change) interrupt. 1, [2] R/W Control Enable = 1 Disable = 0 1 0 to 1 FULL_LIM_ INTR_EN, 0x1080 Enables a FULL_LIM_INTR (full limiting factor changed) interrupt. 1, [3] R/W Control Enable = 1 Disable = 0 1 0 to 1 |