Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP6545GF-Z Fiches technique(PDF) 13 Page - Monolithic Power Systems

No de pièce MP6545GF-Z
Description  45V, 2.5A, Simple Three-Phase Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545GF-Z Fiches technique(HTML) 13 Page - Monolithic Power Systems

Back Button MP6545GF-Z Datasheet HTML 9Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 10Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 11Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 12Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 13Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 14Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 15Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 16Page - Monolithic Power Systems MP6545GF-Z Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP6545
– 45V, 2.5A, SIMPLE THREE-PHASE POWER STAGE
MP6545 Rev. 1.1
MonolithicPower.com
13
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP6545 is a three-phase power stage
designed to drive brushless DC (BLDC) motors
or other loads. It integrates six N-channel power
MOSFETs connected as three half H-bridges,
with a 2.5A current capability. The device
operates across a wide 4.5V to 45V supply
input voltage (VIN) range.
nSLEEP and nRESET
Pull the nSLEEP pin low to force the MP6545 to
enter a low-power sleep mode. In this mode,
the gate driver charge pump stops, and all the
internal circuits and outputs are disabled. All
inputs are ignored when nSLEEP is active low.
When the MP6545 exits sleep mode, 600µs
must pass before driving the motor. This allows
the internal circuitry to stabilize. nSLEEP has
an internal pull-down resistor.
Pull the nRESET pin low to reset the latched
protection
features,
including
over-current
protection (OCP) and over-voltage protection
(OVP), as well as to disable the outputs to a
high-impedance (Hi-Z) state.
Input Interface
The MP6545 includes three half-bridges that
operate independently. The device has high-
side (HS) and low-side (LS) inputs for each of
the output pins. Table 2 shows the HSx and
LSx input logic.
Table 2: HSx and LSx Input Logic
HSx
LSx
OUTx
0
0
Hi-Z
0
1
L
1
0
H
1
1
Hi-Z
Note that all logic inputs have weak, internal
pull-down resistors.
Automatic Synchronous Rectification
If the output high-side MOSFET (HS-FET) and
low-side MOSFET (LS-FET) are turned off, then
the recirculation current must continue to flow
when driving current through an inductive load.
This current is typically passed through the
MOSFET body diodes. To prevent excess
power dissipation in the body diodes, the
MP6545 implements automatic synchronous
rectification.
If both the HS-FET and LS-FET are turned off
and the voltage on an OUTx pin (VOUTx) is
pulled below ground, then the LS-FET turns on
until the current flowing through it approaches
0A, or until the HS-FET is commanded to turn
on. Similarly, if VOUTx exceeds VIN, then the HS-
FET turns on until the current approaches 0A,
or until the LS-FET turns on.
Internal Supplies (VREG and VCP)
The internal regulators generate a 5V supply
(VREG) for the LS gate drive, and a supply
exceeding VIN by 5V (VCP) for the HS gate drive.
These supplies require external capacitors.
The
VREG
pin
requires
a
1µF
ceramic
capacitor to ground. Meanwhile, the VCP pin
requires a 1µF ceramic capacitor to VIN. Both
capacitors should be X7R ceramic capacitors,
and rated for at least 16V.
Connect the charge pump flying capacitor
between the CPA and CPB pins using a 100nF
ceramic capacitor (X7R) rated for at least the
maximum VIN.
nFAULT
The MP6545 provides a nFAULT pin to report
to the system if a fault condition such as OCP,
OVP, or over-temperature protection (OTP)
occurs. nFAULT is an open-drain output and is
pulled low during fault conditions. If used,
nFAULT should be pulled high via an external
pull-up resistor.
Over-Current Protection (OCP)
OCP circuitry limits the current through the HS-
FET and LS-FET by disabling the gate driver. If
the over-current (OC) limit threshold is reached
and lasts for longer than the OC deglitch time
(tOCP), then all the MOSFETs in the H-bridge
are disabled and nFAULT is pulled low. The
driver remains disabled until the device is reset
by pulling nRESET low, or cycling the power on
the MP6545.
OC conditions on both the HS and LS devices
(i.e. an over-current condition to ground, supply,
or across a motor winding) all result in an OC
shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20