Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP6604AGF Fiches technique(PDF) 2 Page - Monolithic Power Systems

No de pièce MP6604AGF
Description  Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604AGF Fiches technique(HTML) 2 Page - Monolithic Power Systems

  MP6604AGF Datasheet HTML 1Page - Monolithic Power Systems MP6604AGF Datasheet HTML 2Page - Monolithic Power Systems MP6604AGF Datasheet HTML 3Page - Monolithic Power Systems MP6604AGF Datasheet HTML 4Page - Monolithic Power Systems MP6604AGF Datasheet HTML 5Page - Monolithic Power Systems MP6604AGF Datasheet HTML 6Page - Monolithic Power Systems MP6604AGF Datasheet HTML 7Page - Monolithic Power Systems MP6604AGF Datasheet HTML 8Page - Monolithic Power Systems MP6604AGF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP6604A
– SIMPLE, DUAL H-BRIDGE DRIVER WITH SEPARATE IN AND EN PINS
MP6604A Rev. 1.1
MonolithicPower.com
2
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP6604AGV
QFN-28 (4mmx5mm)
See Below
2
MP6604AGF
TSSOP-28EP
See Below
2a
* For Tape & Reel, add suffix -Z (e.g. MP6604AGV-Z).
TOP MARKING (MP6604AGV)
MPS: MPS prefix
Y: Year code
WW: Week code
M6604A: Part number
LLLLLL: Lot number
TOP MARKING (MP6604AGF)
MPS: MPS prefix
YY: Year code
WW: Week code
MP6604A: Part number
LLLLLLLLL: Lot number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20