| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD78P014 Fiches technique(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78P014 Fiches technique(HTML) 9 Page - Renesas Technology Corp |
|
9 / 64 page ![]() 7 µPD78P014 Cautions 1. (L) : Connect to VSS individually via a pull-down resistor. 2. VSS : Connect to ground. 3. RESET : Set to low level. 4. Open : Do not make any connection. (2) PROM programming mode 64-pin plastic shrink DIP (750 mil) 64-pin ceramic shrink DIP (with window) (750 mil) 1 2 3 4 5 6 7 8 9 D0 10 D1 11 D2 12 D3 13 D4 14 D5 15 D6 16 D7 17 VSS 18 A0 19 A1 20 A2 21 A3 22 A4 23 A5 24 A6 25 A7 26 A8 27 (L) 28 A10 29 A11 30 A12 31 A13 32 VSS 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 VSS VDD VSS (L) Open VPP (L) Open VDD A9 RESET CE OE A14 (L) (L) (L) (L) (L) |