| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD75P3018A Fiches technique(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD75P3018A Fiches technique(HTML) 21 Page - Renesas Technology Corp |
|
21 / 66 page ![]() µPD75P3018A 19 Data Sheet U11917EJ2V1DS 6.3 Data Memory (RAM) ... 1024 × 4 bits Figure 6-4 shows the data memory configuration. Data memory consists of a data area and a peripheral hardware area. The data area consists of 1024 × 4-bit static RAM. Figure 6-4. Data Memory Map Note Memory bank 0, 1, 2, or 3 can be selected as the stack area. (32 × 4) 256 × 4 (224 × 4) 256 × 4 (224 × 4) (32 × 4) 256 × 4 256 × 4 128 × 4 0 1 2 3 15 000H 01FH 020H 0FFH 100H 1DFH 1E0H 1FFH 200H 2FFH 300H 3FFH F80H FFFH General-purpose register area Display data memory Data area static RAM (1024 × 4) Stack area Note Peripheral hardware area Data memory Memory bank Not incorporated |