| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2985 Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2985 Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 41 page ![]() 8.3 Power Supply Recommendations A power supply can be used at the input voltage within the ranges given in the Recommended Operating Conditions table. Use bypass capacitors as described in the Layout Guidelines section. 8.4 Layout 8.4.1 Layout Guidelines • Bypass the input pin to ground with a bypass capacitor. • The optimum placement of the bypass capacitor is closest to the VIN of the device and GND of the system. Care must be taken to minimize the loop area formed by the bypass capacitor connection, the VIN pin, and the GND pin of the system. • For operation at full-rated load, use wide trace lengths to eliminate IR drop and heat dissipation. 8.4.2 Layout Example V IN GND PLANE C IN C BYPASS BYPASS ON/OFF V OUT C OUT Figure 8-25. Layout Diagram LP2985, LP2985A SLVS522R – JULY 2004 – REVISED JULY 2023 www.ti.com 28 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: LP2985 LP2985A |