Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMG55J19 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce SAMG55J19
Description  Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMG55J19 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button SAMG55J19 Datasheet HTML 13Page - Microchip Technology SAMG55J19 Datasheet HTML 14Page - Microchip Technology SAMG55J19 Datasheet HTML 15Page - Microchip Technology SAMG55J19 Datasheet HTML 16Page - Microchip Technology SAMG55J19 Datasheet HTML 17Page - Microchip Technology SAMG55J19 Datasheet HTML 18Page - Microchip Technology SAMG55J19 Datasheet HTML 19Page - Microchip Technology SAMG55J19 Datasheet HTML 20Page - Microchip Technology SAMG55J19 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
9.
Marking
All devices are marked with the Microchip logo and the ordering code.
Figure 9-1. TFBGA Marking
MPL485A
I / AJA
YYWWNNN
e8
MICROCHIP
ARM
___________
Where:
• M: Microchip logo
• MPL485A: Product name
• e8: Jedec code
• YYWWNNN: Traceability code
• ARM: ARM logo
Marking
© 2020 Microchip Technology Inc.
Datasheet
60001600B-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22