Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMG55J Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce SAMG55J
Description  Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMG55J Fiches technique(HTML) 10 Page - Microchip Technology

Back Button SAMG55J Datasheet HTML 6Page - Microchip Technology SAMG55J Datasheet HTML 7Page - Microchip Technology SAMG55J Datasheet HTML 8Page - Microchip Technology SAMG55J Datasheet HTML 9Page - Microchip Technology SAMG55J Datasheet HTML 10Page - Microchip Technology SAMG55J Datasheet HTML 11Page - Microchip Technology SAMG55J Datasheet HTML 12Page - Microchip Technology SAMG55J Datasheet HTML 13Page - Microchip Technology SAMG55J Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
5.3
Recommended SAMG55-PL360 Connection
The recommended connection in the PCB between balls of the PL485 to connect SAMG55 and PL360 internal blocks
is:
Figure 5-2. Recommended SAMG55-PL360 PCB Connection
PL485 Ballout
PL360 Signal
D4
PL_NRST
E3
PL_TST
E4
PL_LDO_ENABLE
E5
PL_PA0
E6
PL_PA3
E7
PL_PA8/MOSI
E8
PL_PA9/MISO
G4
PL_PA7/SPCK
G6
PL_PA6/NPCS0
SAMG55 Signal
PL485 Ballout
PA25
F3
PB15
F2
PB13
F4
PA24
F5
PA26
F6
PA28
F7
PA27
F8
PA29
G5
PA30
G7
This connection is configured by default in Microchip Powerline communication stacks. It is highly recommended to
keep it as specified by this datasheet to guarantee proper operation of the PLC modem.
Package and Ballout
© 2020 Microchip Technology Inc.
Datasheet
60001600B-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22