| Moteur de recherche de fiches techniques de composants électroniques |
|
PL360 Fiches technique(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PL360 Fiches technique(HTML) 10 Page - Microchip Technology |
|
10 / 22 page ![]() 5.3 Recommended SAMG55-PL360 Connection The recommended connection in the PCB between balls of the PL485 to connect SAMG55 and PL360 internal blocks is: Figure 5-2. Recommended SAMG55-PL360 PCB Connection PL485 Ballout PL360 Signal D4 PL_NRST E3 PL_TST E4 PL_LDO_ENABLE E5 PL_PA0 E6 PL_PA3 E7 PL_PA8/MOSI E8 PL_PA9/MISO G4 PL_PA7/SPCK G6 PL_PA6/NPCS0 SAMG55 Signal PL485 Ballout PA25 F3 PB15 F2 PB13 F4 PA24 F5 PA26 F6 PA28 F7 PA27 F8 PA29 G5 PA30 G7 This connection is configured by default in Microchip Powerline communication stacks. It is highly recommended to keep it as specified by this datasheet to guarantee proper operation of the PLC modem. Package and Ballout © 2020 Microchip Technology Inc. Datasheet 60001600B-page 10 |