| Moteur de recherche de fiches techniques de composants électroniques |
|
STV-YUV/CIF-R02 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-YUV/CIF-R02 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 105 page ![]() CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000 VV5410 & VV6410 Commercial in confidence 29/105 cd5410-6410f-3-0.fm note1: This code is only generated in the PAL or NTSC video modes note2: This code is only generated in the PAL or NTSC video modes We include Table 12 to show how the 8 bit control codes are mapped onto the output data bits in the 5 wire mode. Table 12 : Mapping 8bit control codes to 5 wire output mode Line Code Nibble XH (1 C2 C1 C0) Nibble YH (P3 P2 P1 P0) End of Line 10002 (8H) 00002 (0H) Blank Line (BL) 10012 (9H) 11012 (DH) Black line (BK) 10102 (AH) 10112 (BH) Visible Line (VL) 10112 (BH) 01102 (6H) Start of Even Field (SOEF) 11002 (CH) 01112 (7H) End of Even Field (EOEF) 11012 (DH) 10102 (AH) Start of Odd Field (SOOF)note1 11102 (EH) 11002 (CH) End of Odd Field (EOOF)note2 11112 (FH) 00012 (1H) Table 11 : Embedded Line Codes Line Code Most significant nibble Data[4:0] Least significant nibble Data[4:0] End of Line 1_00002 (10H) 0_00002 (00H) Blank Line (BL) 1_00112 (13H) 1_01002 (14H) Black line (BK) 1_01012 (15H) 0_11002 (0CH) Visible Line (VL) 1_01102 (16H) 1_10002 (18H) Start of Even Field (SOEF) 1_10002 (18H) 1_11002 (1CH) End of Even Field (EOEF) 1_10112 (1BH) 0_10002 (08H) Start of Odd Field (SOOF) 1_11012 (1DH) 1_00002 (10H) End of Odd Field (EOOF) 1_11102 (1EH) 0_01002 (04H) Parity Checks Comment P3 P2 P1 P0 Code word un-corrupted $ P0 corrupted, line code OK $ P1 corrupted, line code OK $ P2 corrupted, line code OK Table 13 : Parity Checking |