Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV6410 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce VV6410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button VV6410 Datasheet HTML 21Page - STMicroelectronics VV6410 Datasheet HTML 22Page - STMicroelectronics VV6410 Datasheet HTML 23Page - STMicroelectronics VV6410 Datasheet HTML 24Page - STMicroelectronics VV6410 Datasheet HTML 25Page - STMicroelectronics VV6410 Datasheet HTML 26Page - STMicroelectronics VV6410 Datasheet HTML 27Page - STMicroelectronics VV6410 Datasheet HTML 28Page - STMicroelectronics VV6410 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
25/105
cd5410-6410f-3-0.fm
7.1.7
Video Timing Parameter
The video timing parameter category comprises all the other shadow/working register pairs. The video timing parameter update
pending flag will be unconditionally set if any of the following registers are written to:
•
Setup0[16]
•
Setup1[17]
•
fg_mode[20]
•
data_format[22]
•
op_format[23]
•
mode_select[24]
•
Dark Pixel Offset[44,45]
•
Dark Pixel Cancellation Setup Register
•
Black Pixel Offset[44,45]
•
Black Pixel Cancellation Setup Register
•
Line Length[82,83]
•
Field Length[97,98]
7.2
Timed Parameter Update Points
The timed parameter categories are updated as follows:
note: We refer to odd and even fields in the Table 9 below. In a video mode like CIF or QCIF the fields are all identical in length,
we still have to be able to differentiate between fields to enable correct updating of register parameters.
The order that the above timed parameters are updated is critical. Let us assume that all the pending flags are set, i.e. we have
written to at least one register in each category. The working registers will be updated in the following order:
1. Coarse exposure
2. Tilt parameters
Timed parameter category
Updated point
fine exposure
Conditional on a change pending in the line length register.
Line length change pending: update fine exposure at the odd to even field
transition
Line length change not pending: update fine exposure during the start of
active video (SAV) region of the end of frame (EOF) line (the line that follows
the last line of active video) in the odd field.
coarse exposure
Updated during the SAV region of the first dark line in an odd field
clock division
Updated at the odd to even field transition
gain
Updated during the SAV region of the EOF line in the odd field
pan parameter
Updated during the SAV region of the EOF line in the odd field
tilt parameter
Updated during the SAV region of the first visible line in an odd field
video timing
Updated at the odd to even field transition
Table 9 : Timed Parameter Update Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More