| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72340 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72340 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 191 page ![]() ST72340, ST72344, ST72345 73/191 16-BIT TIMER (Cont’d) Figure 46. Input Capture Block Diagram Figure 47. Input Capture Timing Diagram Note: The time between an event on the ICAPi pin and the appearance of the corresponding flag is from 2 to 3 CPU clock cycles. This depends on the moment when the ICAP event happens relative to the timer clock. ICIE CC0 CC1 16-BIT FREE RUNNING COUNTER IEDG1 (Control Register 1) CR1 (Control Register 2) CR2 ICF2 ICF1 0 0 0 (Status Register) SR IEDG2 ICAP1 ICAP2 EDGE DETECT CIRCUIT2 16-BIT IC1R Register IC2R Register EDGE DETECT CIRCUIT1 pin pin FF01 FF02 FF03 FF03 TIMER CLOCK COUNTER REGISTER ICAPi PIN ICAPi FLAG ICAPi REGISTER Note: The active edge is the rising edge. |