Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY2273APVC-4 Fiches technique(PDF) 11 Page - Cypress Semiconductor

No de pièce CY2273APVC-4
Description  Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2273APVC-4 Fiches technique(HTML) 11 Page - Cypress Semiconductor

Back Button CY2273APVC-4 Datasheet HTML 6Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 7Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 8Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 9Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 10Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 11Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 12Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 13Page - Cypress Semiconductor CY2273APVC-4 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CY2273A
11
CPU_STOP[11, 12]
PCI_STOP[13, 14]
PWR_DOWN
Timing Requirements for the I2C Bus
Notes:
11. CPUCLK on and CPUCLK off latency is 2 or 3 CPUCLK cycles.
12. CPU_STOP may be applied asynchronously. It is synchronized internally.
13. PCICLK on and PCICLK off latency is 1 rising edge of the external PCICLK.
14. PCI_STOP may be applied asynchronously. It is synchronized internally.
Switching Waveforms (continued)
CPUCLK
(Internal)
PCICLK
(Internal)
PCICLK
(Free-Running)
CPU_STOP
CPUCLK
(External)
CPUCLK
(Internal)
PCICLK
(Internal)
PCICLK
PCI_STOP
PCICLK
(External)
(Free-Running)
CPUCLK
(Internal)
PCICLK
(Internal)
PWR_DWN
PCICLK
CPUCLK
(External)
(External)
VCO
Crystal
Shaded section on the VCO and Crystal waveforms indicates that the VCO and crystal oscillator are active, and there is a valid clock.
SDA
SCL
t13
t14
t15
t16
t17
t19
t20
t21
t22
t18
t14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14