Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC573PW Fiches technique(PDF) 8 Page - Nexperia B.V. All rights reserved

No de pièce 74ALVC573PW
Description  Octal D-type transparent latch; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC573PW Fiches technique(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74ALVC573PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC573PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC573PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC573PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC573PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC573PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVC573PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVC573PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVC573PW Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Nexperia
74ALVC573
Octal D-type transparent latch; 3-state
-40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
per latch; VI = GND to VCC; VCC = 3.3 V
[3]
outputs HIGH or LOW state
-
37
-
pF
CPD
power dissipation
capacitance
outputs 3-state
-
7
-
pF
[1] Typical values are measured at Tamb = 25 °C
[2] tpd is the same as tPHL and tPLH.
ten is the same as tPZH and tPZL.
tdis is the same as tPHZ and tPLZ.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi x N + Σ(CL x VCC 2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(CL x VCC 2 x fo) = sum of the outputs
10.1. Waveforms and test circuit
mna811
Dn input
Qn output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Measurement points are given in Table 8.
VOL and VOH are the typical output voltage levels that occur with the output load.
Fig. 9. Input Dn to output Qn propagation delay times
Table 8. Measurement points
Supply voltage
Output
VCC
VM
VX
VY
1.65 V to 1.95 V
0.5VCC
VOL + 0.15 V
VOH - 0.15 V
2.3 V to 2.7 V
0.5VCC
VOL + 0.15 V
VOH - 0.15 V
2.7 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
3.0 V to 3.6 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
74ALVC573
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 30 April 2021
8 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16