Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17P236M4GT Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce UPD17P236M4GT
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P236M4GT Fiches technique(HTML) 7 Page - Renesas Technology Corp

Back Button UPD17P236M4GT Datasheet HTML 3Page - Renesas Technology Corp UPD17P236M4GT Datasheet HTML 4Page - Renesas Technology Corp UPD17P236M4GT Datasheet HTML 5Page - Renesas Technology Corp UPD17P236M4GT Datasheet HTML 6Page - Renesas Technology Corp UPD17P236M4GT Datasheet HTML 7Page - Renesas Technology Corp UPD17P236M4GT Datasheet HTML 8Page - Renesas Technology Corp UPD17P236M4GT Datasheet HTML 9Page - Renesas Technology Corp UPD17P236M4GT Datasheet HTML 10Page - Renesas Technology Corp UPD17P236M4GT Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
µPD17P236
5
Data Sheet U14776EJ1V0DS00
• 30-pin plastic SSOP (7.62 mm (300))
µPD17P236M1MC-5A4, 17P236M2MC-5A4, 17P236M3MC-5A4, 17P236M4MC-5A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
D2
D3
VPP
(Open)
VDD
(Open)
CLK
GND
(L)
(Open)
(Open)
(Open)
D1
D0
D7
D6
D5
D4
MD3
MD2
MD1
MD0
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
(L)
(L)
Caution Contents in parentheses indicate how to handle unused pins in PROM programming mode.
L
:
Connect to GND via a resistor (470
Ω) separately.
Open :
Leave unconnected.
CLK
:
Clock input for PROM
D0-D7
:
Data input/output for PROM
GND
:
Ground
MD0-MD3
:
Mode select input for PROM
VDD
:
Power supply
VPP
:
Power supply for PROM writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34