| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD6P9 Fiches technique(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P9 Fiches technique(HTML) 4 Page - Renesas Technology Corp |
|
4 / 45 page ![]() 2 µPD6P9 Data Sheet U15144EJ1V1DS ORDERING INFORMATION Part Number Package µPD6P9M1MC-5A4 20-pin plastic SSOP (7.62 mm (300)) µPD6P9M3MC-5A4 20-pin plastic SSOP (7.62 mm (300)) µPD6P9M1MC-5A4-A 20-pin plastic SSOP (7.62 mm (300)) µPD6P9M3MC-5A4-A 20-pin plastic SSOP (7.62 mm (300)) Remark Products that have the part numbers suffixed by “-A” are lead-free products. PIN CONFIGURATION (TOP VIEW) 20-pin plastic SSOP (7.62 mm (300)) (1) Normal operation mode (2) PROM programming mode Caution The item in parentheses indicates the processing of pins not used in the PROM programming mode. L: Connect each of these pins to GND via a pull-down resistor. 1 2 3 4 5 6 7 8 9 10 KI/O6 KI/O7 S0 S1/LED REM VDD XOUT XIN GND S2 20 19 18 17 16 15 14 13 12 11 KI/O5 KI/O4 KI/O3 KI/O2 KI/O1 KI/O0 KI3 KI2 KI1 KI0 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 D6 D7 CLK VDD XOUT XIN GND VPP D5 D4 D3 D2 D1 D0 MD3 MD2 MD1 MD0 (L) |