| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD6P8 Fiches technique(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P8 Fiches technique(HTML) 40 Page - Renesas Technology Corp |
|
40 / 101 page ![]() 38 µPD6P8, 6P8A, 6P8B Data Sheet U17848EJ5V0DS 6.3 Standby Mode Release Timing (1) STOP mode release timing Figure 6-1. STOP Mode Release by Release Condition Note The wait time is as follows. • µPD6P8: 10 + 286/fX + Oscillation growth time (µs) • µPD6P8A: 10 + 1024/fX + Oscillation growth time (µs) • µPD6P8B: 10 + 1024/fX (µs) Caution When a release condition is met in the STOP mode, the device is released from the STOP mode, and goes into a wait state. At this time, if the release condition is not held, the device goes into STOP mode again after the wait time has elapsed. Therefore, when releasing the STOP mode, it is necessary to hold the release condition longer than the wait time. (2) HALT mode release timing Figure 6-2. HALT Mode Release by Release Condition WaitNote HALT mode Operation mode STOP mode Oscillation stopped Oscillation Operation mode Oscillation HALT instruction (STOP mode) Standby release signal Clock HALT mode Operation mode Oscillation Operation mode HALT instruction (HALT mode) Standby release signal Clock |