| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17P236M1 Fiches technique(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17P236M1 Fiches technique(HTML) 5 Page - Renesas Technology Corp |
|
5 / 34 page ![]() µPD17P236 3 Data Sheet U14776EJ1V0DS00 • 30-pin plastic SSOP (7.62 mm (300)) µPD17P236M1MC-5A4, 17P236M2MC-5A4, 17P236M3MC-5A4, 17P236M4MC-5A4 P0D2 P0D3 INT P0E0 P0E1 P0E2 P0E3 REM VDD XOUT XIN GND RESET P1A0 IC1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 IC2 P0D1 P0D0 P0C3 P0C2 P0C1 P0C0 P0B3 P0B2 P0B1 P0B0 P0A3 P0A2 P0A1 P0A0 GND : Ground IC1, IC2 : Internally connected Note 1 INT : External interrupt request signal input P0A0-P0A3 : Input port (CMOS input) P0B0-P0B3 : Input/output port (CMOS input/N-ch open-drain output) P0C0-P0C3 : Input/output port (CMOS input/N-ch open-drain output) P0D0-P0D3 : Input/output port (CMOS input/N-ch open-drain output) P0E0-P0E3 : Input/output port (CMOS push-pull output) P1A0 : Input port (CMOS input) or output port (N-ch open-drain output) Note 2 REM : Remote controller output (CMOS push-pull output) RESET : Reset input VDD : Power supply XIN, XOUT : Resonator connection Notes 1. This pin cannot be used. Leave open. 2. Input port or output port is selected depending on the product (see 2. PIN FUNCTIONS). |