Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP3002 Fiches technique(PDF) 6 Page - Interpion semiconductor

No de pièce IP3002
Description  Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPION [Interpion semiconductor]
Site Internet  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP3002 Fiches technique(HTML) 6 Page - Interpion semiconductor

Back Button IP3002 Datasheet HTML 2Page - Interpion semiconductor IP3002 Datasheet HTML 3Page - Interpion semiconductor IP3002 Datasheet HTML 4Page - Interpion semiconductor IP3002 Datasheet HTML 5Page - Interpion semiconductor IP3002 Datasheet HTML 6Page - Interpion semiconductor IP3002 Datasheet HTML 7Page - Interpion semiconductor IP3002 Datasheet HTML 8Page - Interpion semiconductor IP3002 Datasheet HTML 9Page - Interpion semiconductor IP3002 Datasheet HTML 10Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IP3002 / I3002
Power Factor Correction
April. 2004
- 6 -
http://www.interpionsemi.com
APPLICATION INFORMATIONS
1. Main Inductor
L =
h * ( VO - VP ) * VP2 / ( 4 * VO * PO * f )
Where,
h: Efficiency ( 0.95)
VO: DC Link Voltage
VP: Input Peak Voltage
PO: Output Power
f: Switching Frequency
2. Resistor for Current Sense
RS = 1.6 / ILP
Where,
ILP: Inductor Peak Current
3. Resistors for Multiplier
RML < 0.69 * RMU / ( VP – 0.69 )
Where,
RMU: Upper Resistor for Multiplier Input
RML: Lower Resistor for Multiplier Input
4. Resistors for Error Amplifier
REL = 2.5 * REU / ( VO - 2.5 )
Where,
REU: Upper Resistor for Error Amplifier Inverting Input
REL: Lower Resistor for Error Amplifier Inverting Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11