Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L3924AD Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce L3924AD
Description  SPEECH AND 14 MEMORY DIALER WITH HOLD FUNCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3924AD Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button L3924AD Datasheet HTML 7Page - STMicroelectronics L3924AD Datasheet HTML 8Page - STMicroelectronics L3924AD Datasheet HTML 9Page - STMicroelectronics L3924AD Datasheet HTML 10Page - STMicroelectronics L3924AD Datasheet HTML 11Page - STMicroelectronics L3924AD Datasheet HTML 12Page - STMicroelectronics L3924AD Datasheet HTML 13Page - STMicroelectronics L3924AD Datasheet HTML 14Page - STMicroelectronics L3924AD Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
K
CDIP28
C1
G
F
e3
A
N
L
114
28
15
B
0016130
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
37.34
1.470
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
33.02
1.300
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
DIP28 PACKAGE MECHANICAL DATA
L3914A - L3924A - L3934A
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15