Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC431DM Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce AMC431DM
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AMC431DM Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AMC431DM Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC431DM Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC431DM Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC431DM Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC431DM Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC431DM Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC431DM Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC431DM Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC431DM Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AMC DOC. #: AMC431_C
AMC431
November
2002
PRECISION ADJUSTABLE SHUNT
VOLTAGE REGULATORS
Copyright
 2002, ADD Microtech Corp.
11
www.addmtek.com
IMPORTANT NOTICE
ADD Microtech (ADDM) reserves the right to make changes to its products or to discontinue any integrated circuit
product or service without notice, and advises its customers to obtain the latest version of relevant information to verify,
before placing orders, that the information being relied on is current.
A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe
property or environmental damage.
ADDM integrated circuit products are not designed, intended, authorized, or
warranted to be suitable for use in life-support applications, devices or systems or other critical applications.
Use of
ADDM products in such applications is understood to be fully at the risk of the customer.
In order to minimize risks
associated with the customer’s applications, the customer should provide adequate design and operating safeguards.
ADDM assumes to no liability to customer product design or application support. ADDM warrants the performance of
its products to the specifications applicable at the time of sale.
U.S.
Asia Pacific region
ADD Microtech Inc.
492 Altamont Drive
Milpitas, CA 95035
ADD Microtech Corp
3F, 132, Sec. 4, Chung Hsiao E. Rd.,
Taipei, Taiwan
T E L : (408) 9410420
T E L : 2-27760166
FA X : (408) 9410864
FA X : 2-27764208



Html Pages

1 2 3 4 5 6 7 8 9 10 11