Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VB927T Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce VB927T
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB927T Fiches technique(HTML) 4 Page - STMicroelectronics

  VB927T Datasheet HTML 1Page - STMicroelectronics VB927T Datasheet HTML 2Page - STMicroelectronics VB927T Datasheet HTML 3Page - STMicroelectronics VB927T Datasheet HTML 4Page - STMicroelectronics VB927T Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
VB927T
DIM.
mm.
MIN.
TYP
MAX.
A
4.85
5.15
A1
2.20
2.60
b1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c
0.40
0.80
D
19.85
20.15
E
15.45
15.75
e5.45
L
14.20
14.80
L1
3.70
4.30
L2
18.50
∅P
3.55
3.65
∅R
4.50
5.50
S
5.50
Package Weight
Gr. 4.43
P025P
TO-247 MECHANICAL DATA



Html Pages

1 2 3 4 5