Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLRT0504LC Fiches technique(PDF) 5 Page - Protek Devices

No de pièce PLRT0504LC
Description  ultr a low capacitance steering diode/thyristor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLRT0504LC Fiches technique(HTML) 5 Page - Protek Devices

  PLRT0504LC Datasheet HTML 1Page - Protek Devices PLRT0504LC Datasheet HTML 2Page - Protek Devices PLRT0504LC Datasheet HTML 3Page - Protek Devices PLRT0504LC Datasheet HTML 4Page - Protek Devices PLRT0504LC Datasheet HTML 5Page - Protek Devices PLRT0504LC Datasheet HTML 6Page - Protek Devices PLRT0504LC Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
05637.R5 5/23
Page 5
PLRT0504LC
ISO 9001 CERTIFIED COMPANY
package information
OuTlINE DIMENSIONS
DIM
MIllIMETERS
INChES
MIN
MAX
MIN
MAX
A
2.40
2.60
0.094
0.102
B
0.90
1.10
0.035
0.043
C
0.45
0.55
0.018
0.022
D
0.35
0.45
0.014
0.018
E
0.30
0.40
0.012
0.016
F
0.50
0.020
G
0.15
0.25
0.006
0.010
H
0.15
0.006
J
0.00
0.05
0.001
0.002
NOTES
1. Controlling dimension: millimeters.
PAD lAYOuT
DIM
MIllIMETERS
INChES
NOMINAl
NOMINAl
A
0.24
0.009
B
0.62
0.024
C
1.40
0.055
D
0.50
0.020
NOTES
1. Controlling dimension: millimeters.
A
B
E
D
C
H
J
G
F
A
B
C
D
TOP VIEW
BOTTOM VIEW
SIDE VIEW
PAD LAYOUT
T5LC
PIN 1
NC
NC
GND
NC
NC
LN4
LN3
GND
LN2
LN1
PIN 1



Html Pages

1 2 3 4 5 6 7