Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVT162827 Fiches technique(PDF) 13 Page - Nexperia B.V. All rights reserved

No de pièce 74ALVT162827
Description  20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT162827 Fiches technique(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT162827 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Nexperia
74ALVT162827
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
74ALVT162827
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 24 January 2018
13 / 14
Non-automotive qualified products — Unless this data sheet expressly
states that this specific Nexperia product is automotive qualified, the
product is not suitable for automotive use. It is neither qualified nor tested in
accordance with automotive testing or application requirements. Nexperia
accepts no liability for inclusion and/or use of non-automotive qualified
products in automotive equipment or applications. In the event that customer
uses the product for design-in and use in automotive applications to
automotive specifications and standards, customer (a) shall use the product
without Nexperia's warranty of the product for such automotive applications,
use and specifications, and (b) whenever customer uses the product for
automotive applications beyond Nexperia's specifications such use shall be
solely at customer’s own risk, and (c) customer fully indemnifies Nexperia
for any liability, damages or failed product claims resulting from customer
design and use of the product for automotive applications beyond Nexperia's
standard warranty and Nexperia's product specifications.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
14.4 Trademarks
Notice: All referenced brands, product names, service names and
trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14