Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8560CPXALDB Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce MPC8560CPXALDB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALDB Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8560CPXALDB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
3
Overview
— Interfaces with the embedded e500 core processor through a 32-Kbyte dual-port RAM and virtual DMA
channels for each peripheral controller
— Handles serial protocols and virtual DMA.
— Three full-duplex fast serial communications controllers (FCCs) that support the following protocols:
– ATM protocol through UTOPIA interface (FCC1 and FCC2 only)
– IEEE802.3/Fast Ethernet
– HDLC
– Totally transparent operation
— Two multi-channel controllers (MCCs) that together can handle up to 256 HDLC/transparent channels
at 64 Kbps each, multiplexed on up to 8 TDM interfaces
— Four full-duplex serial communications controllers (SCCs) that support the following protocols:
– High level/synchronous data link control (HDLC/SDLC)
– LocalTalk (HDLC-based local area network protocol)
– Universal asynchronous receiver transmitter (UART)
– Synchronous UART (1x clock mode)
– Binary synchronous communication (BISYNC)
– Totally transparent operation
— Serial peripheral interface (SPI) support for master or slave
—I2C bus controller
— Time-slot assigner supports multiplexing of data from any of the SCCs and FCCs onto eight
time-division multiplexed (TDM) interfaces. The time-slot assigner supports the following TDM
formats:
– T1/CEPT lines
–T3/E3
– Pulse code modulation (PCM) highway interface
– ISDN primary rate
– Freescale interchip digital link (IDL)
– General circuit interface (GCI)
— User-defined interfaces
— Eight independent baud rate generators (BRGs)
— Four general-purpose 16-bit timers or two 32-bit timers
— General-purpose parallel ports—16 parallel I/O lines with interrupt capability
— Supports inverse muxing of ATM cells (IMA)
•
256 Kbyte L2 cache/SRAM
— Can be configured as follows
– Full cache mode (256-Kbyte cache).
– Full memory-mapped SRAM mode (256-Kbyte SRAM mapped as a single 256-Kbyte block or two
128-Kbyte blocks)
– Half SRAM and half cache mode (128-Kbyte cache and 128-Kbyte memory-mapped SRAM)
— Full ECC support on 64-bit boundary in both cache and SRAM modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More