| Moteur de recherche de fiches techniques de composants électroniques |
|
MORPHS Fiches technique(PDF) 3 Page - Mantra Softech India Pvt Ltd. All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
MORPHS Fiches technique(HTML) 3 Page - Mantra Softech India Pvt Ltd. All Rights Reserved. |
|
3 / 3 page ![]() www.mantratec.com MANTRA Slap Fingerprint Scanner MORPHS Biometric Data Interchange Format EMI / EMC Compliance Environmental, Health and Safety Safety BIS : ISO 19794-4:2011 for Image Template, WSQ3.1, JPEG2000 : CE & FCC Part 15B class A : IS 13252 (Part 1)* : RoHS : EN/IEC 62368-1, IS 13252 (Part 1) Parameters Specification Certification Image Quality Ingress Protection Rating Device Driver : WHQL certified : FBI’s IAFIS Appendix-F & Mobile ID FAP60 : IP65 Operating System : Windows x86 & x64, Android, Linux Parameters Specification Platform * Certication under process Standard Software : SDK : MIDFinger_Enroll Software Features : NIST compliance WSQ compression module NIST compliance NFIQ Quality check Segmentation of flats into single fingerprint images |