Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ARM720T Fiches technique(PDF) 85 Page - List of Unclassifed Manufacturers

No de pièce ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Fiches technique(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 81Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 82Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 83Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 84Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 85Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 86Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 87Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 88Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 242 page
background image
Memory Management Unit
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
6-3
•
If the TLB contains a translated entry for the virtual address, the access control
logic determines if access is permitted.
•
If access is permitted, the MMU outputs the appropriate physical address
corresponding to the virtual address.
•
If access is not permitted, the MMU signals the CPU to abort.
If the TLB misses (it does not contain a translated entry for the virtual address), the
translation table walking hardware is invoked to retrieve the translation information
from a translation table in physical memory. Once retrieved, the translation information
is placed into the TLB, possibly overwriting an existing value. The entry to be
overwritten is chosen by cycling sequentially through the TLB locations.
Note
The TLB must be flushed whenever the virtual to physical address mappings are
changed.
6.1.4
Effect of reset
For information on the effect of reset, see Reset on page 2-23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More