| Moteur de recherche de fiches techniques de composants électroniques |
|
DFBM-CS320 Fiches technique(PDF) 1 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
DFBM-CS320 Fiches technique(HTML) 1 Page - Delta Electronics, Inc. |
|
1 / 10 page ![]() Preliminary DFBM-CS320 Data Sheet May 18, 2005 Proprietary Information and Specifications are Subject to Change DFBM-CS320 Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V2.0+EDR FEATURES: Suitable for Cellular Phones, PDAs, Digital Cameras, .…….. Small size and Low Profile using high-density packaging technology for space critical applications. High sensitivity for better reception. Various interfaces: UART or USB. Wide operating temperature range: -40~+85 ℃. Device diagram TM TM UART / USB SPI PIO/AIO PCM |
Numéro de pièce similaire - DFBM-CS320 |
|
Description similaire - DFBM-CS320 |