Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COM20020D Fiches technique(PDF) 72 Page - SMSC Corporation

No de pièce COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Fiches technique(HTML) 72 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 64Page - SMSC Corporation COM20020D Datasheet HTML 65Page - SMSC Corporation COM20020D Datasheet HTML 66Page - SMSC Corporation COM20020D Datasheet HTML 67Page - SMSC Corporation COM20020D Datasheet HTML 68Page - SMSC Corporation COM20020D Datasheet HTML 69Page - SMSC Corporation COM20020D Datasheet HTML 70Page - SMSC Corporation COM20020D Datasheet HTML 71Page - SMSC Corporation COM20020D Datasheet HTML 72Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 72 / 72 page
background image
APPENDIX C
Software Identification of the COM20020 Rev B, Rev C and Rev D
In order to properly write software to work with the COM20020 Rev B, C and D it is necessary to be
able to identify the different revisions of the part.
To identify the COM20020 Revision follow the following procedure:
1.
Write 0x98 to Register-6 (Address = 6)
2.
Write 0x02 to Register-5 (Address = 5)
3.
Read Register-6
* If the value read from Register-6 is 0x98 then the part is a COM20020 Rev B or earlier
* If the value read from Register-6 is 0x9A then go to next step below
4.
Write 0x80 to Register-5
5.
Read Register-5
* If the value read from Register-5 is 0x00 then the part is a COM20020 Rev C
* If the value read from Register-5 is 0x80 then the part is a COM20020 Rev D
© 1998 STANDARD MICROSYSTEMS CORPORATION (SMSC)
Circuit diagrams utilizing SMSC products are included as a means of illustrating typical applications; consequently complete information
sufficient for construction purposes is not necessarily given. The information has been carefully checked and is believed to be entirely
reliable. However, no responsibility is assumed for inaccuracies. Furthermore, such information does not convey to the purchaser of
the semiconductor devices described any licenses under the patent rights of SMSC or others. SMSC reserves the right to make
changes at any time in order to improve design and supply the best product possible. SMSC products are not designed, intended,
authorized or warranted for use in any life support or other application where product failure could cause or contribute to personal injury
or severe property damage. Any and all such uses without prior written approval of an Officer of SMSC and further testing and/or
modification will be fully at the risk of the customer.
COM20020D Rev. 11/9/98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72