Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LGT67F Fiches technique(PDF) 19 Page - ams AG

No de pièce LGT67F
Description  First SMT LED with integrated reflector.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

LGT67F Fiches technique(HTML) 19 Page - ams AG

Back Button LGT67F Datasheet HTML 14Page - ams AG LGT67F Datasheet HTML 15Page - ams AG LGT67F Datasheet HTML 16Page - ams AG LGT67F Datasheet HTML 17Page - ams AG LGT67F Datasheet HTML 18Page - ams AG LGT67F Datasheet HTML 19Page - ams AG LGT67F Datasheet HTML 20Page - ams AG LGT67F Datasheet HTML 21Page - ams AG LGT67F Datasheet HTML 22Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LG T67F
19 Version 1.1 | 2018-06-18
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the LED specified in this
data sheet falls into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of principle, however, it should be mentioned that intense light
sources have a high secondary exposure potential due to their blinding effect. When looking at bright light
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this LED contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize LED exposure to aggressive substances during storage, pro-
duction, and use. LEDs that showed visible discoloration when tested using the described tests above did
show no performance deviations within failure limits during the stated test duration. Respective failure limits
are described in the IEC60810.
For further application related informations please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22