Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT2579-SL Fiches technique(PDF) 3 Page - Princeton Technology Corp

No de pièce PT2579-SL
Description  RDS Demodulator IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PTC [Princeton Technology Corp]
Site Internet  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2579-SL Fiches technique(HTML) 3 Page - Princeton Technology Corp

  PT2579-SL Datasheet HTML 1Page - Princeton Technology Corp PT2579-SL Datasheet HTML 2Page - Princeton Technology Corp PT2579-SL Datasheet HTML 3Page - Princeton Technology Corp PT2579-SL Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2579 v1.3
- 3 -
April. 2004
RDS Demodulator IC
PT2579
APPLICATION CIRCUIT
QUAL
RDCL
RDDA
T57
VREF
OSC2
MUXL
OSC1
AVDD
DVDD
AVSS
DVSS
CIN
TEST
SCOUT
MODE
560pF
+5V
0.1uF
2.2uF
330pF
MUX
SIGNAL
2.2k
Ω
4.332/8.664MHz
47pF
82pF
0.1uF
+5V
+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PT2579
Notes:
1. Two crystal frequencies may be used via the MODE pin. Please refer to the table below.
2. For the 4.332MHz Crystal, it is recommended to use TXC 6A04300098 or a component with the
same specifications.
MODE Pin State
Crystal Clock Frequency (MHz)
LOW
4.332
HIGH
8.664



Html Pages

1 2 3 4