| Moteur de recherche de fiches techniques de composants électroniques |
|
2SC4484S Fiches technique(PDF) 1 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
2SC4484S Fiches technique(HTML) 1 Page - Sanyo Semicon Device |
|
1 / 4 page ![]() 83098HA (KT)/5249MO, TS No.3024-1/4 SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft’s control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein. PNP/NPN Epitaxial Planar Silicon Transistors High-Current Driver Applications Ordering number:EN3024 2SA1704/2SC4484 ( ) : 2SA1704 Specifications Absolute Maximum Ratings at Ta = 25˚C Electrical Characteristics at Ta = 25˚C Package Dimensions unit:mm 2064 [2SA1704/2SC4484] Applications · Voltage regulators, relay drivers. lamp drivers. Features · Adoption of FBET, MBIT processes. · Low collector-to-emitter voltage. · Large current capacity and wide ASO. · Fast switching speed. E : Emitter C : Collector B : Base SANYO : NMP r e t e m a r a Pl o b m y Ss n o i t i d n o Cs g n i t a Rt i n U e g a t l o V e s a B - o t - r o t c e ll o CV O B C 0 3 ) – (V e g a t l o V r e t t i m E - o t - r o t c e ll o CV O E C 5 2 ) – (V e g a t l o V e s a B - o t - r e t t i m EV O B E 6 ) – (V t n e r r u C r o t c e ll o CIC 5 . 2 ) – (A ) e s l u P ( t n e r r u C r o t c e ll o CI P C 5 ) – (A n o i t a p i s s i D r o t c e ll o CPC 1W e r u t a r e p m e T n o i t c n u Jj T 0 5 1 e r u t a r e p m e T e g a r o t Sg t s T 0 5 1 + o t 5 5 – ˚C ˚C r e t e m a r a Pl o b m y Ss n o i t i d n o C s g n i t a R t i n U n i mp y tx a m t n e r r u C f f o t u C r o t c e ll o CI O B C V B C I , V 0 5 ) – ( = E 0 =0 0 1 ) – (A n t n e r r u C f f o t u C r e t t i m EI O B E V B E I , V 4 ) – ( = C 0 =0 0 1 ) – (A n n i a G t n e r r u C C Dh E F 1V E C I , V 2 ) – ( = C A m 0 0 1 ) – ( = * 0 0 1* 0 0 4 h E F 2V E C I , V 2 ) – ( = C A 1 ) – ( =5 6 t c u d o r P h t d i w d n a B - n i a GfT V E C I , V 0 1 ) – ( = C A m 0 5 ) – ( =0 5 1z H M * : The 2SA1704/2SC4484 are classified by 100mA hFE as follows : 0 0 2 R 0 0 10 8 2 S 0 4 10 0 4 T 0 0 2 |
Numéro de pièce similaire - 2SC4484S |
|
Description similaire - 2SC4484S |