| Moteur de recherche de fiches techniques de composants électroniques |
|
ABAS70-HF Fiches technique(PDF) 3 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
ABAS70-HF Fiches technique(HTML) 3 Page - Comchip Technology |
|
3 / 4 page ![]() Small Signal Schottky Diodes Reel Taping Specification A B C E F P P0 P1 W (mm) (inch) SOT-23 SYMBOL (inch) SOT-23 SYMBOL A (mm) B C d D D1 D2 3.15 ± 0.10 2.77 ± 0.10 1.22 ± 0.10 1.50 + 0.10 178.00 ± 1.00 54.60 ± 1.00 13.30 ± 1.00 0.124 ± 0.004 0.109 ± 0.004 0.048 ± 0.004 0.059 + 0.004 7.008 ± 0.039 2.150 ± 0.039 0.524 ± 0.039 E F P P0 P1 W W1 1.75 ± 0.10 3.50 ± 0.05 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 8.00 + 0.30 − 0.10 11.10 ± 0.20 0.069 ± 0.004 0.138 ± 0.002 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.315 + 0.012 − 0.004 0.437 ± 0.008 D W1 D1 D2 − 0.00 − 0.000 Page 3 AQW-JA008 Comchip Technology CO., LTD. Company reserves the right to improve product design , functions and reliability without notice. REV:B |