| Moteur de recherche de fiches techniques de composants électroniques |
|
GWIXP420BBT Fiches technique(PDF) 58 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GWIXP420BBT Fiches technique(HTML) 58 Page - Intel Corporation |
|
58 / 134 page ![]() Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor March 2005 Datasheet 58 Document Number: 252479, Revision: 005 AA1 HSS_RXDATA0 AB1 HSS_TXDATA1 AC1 VSS AD1 ETH_TXCLK0 AA2 VCCP AB2 HSS_RXDATA1 AC2 ETH_TXDATA0[0] AD2 ETH_RXDV0 AA3 VSS AB3 ETH_TXDATA0[3] AC3 VCCP AD3 VSS AA4 HSS_RXCLK1 AB4 ETH_TXDATA0[1] AC4 VCC AD4 ETH_CRS0 AA5 ETH_TXDATA0[2] AB5 VSS AC5 ETH_RXDATA0[0] AD5 ETH_MDC AA6 VCC AB6 ETH_RXCLK0 AC6 VSS AD6 ETH_TXDATA1[0] AA7 ETH_RXDATA0[1] AB7 VCCP AC7 VCC AD7 ETH_RXDATA1[3] AA8 VSS AB8 ETH_TXDATA1[2] AC8 ETH_RXDATA1[2] AD8 ETH_RXCLK1 AA9 ETH_TXDATA1[1] AB9 ETH_RXDATA1[1] AC9 VCC AD9 VSS AA10 VCC AB10 VCCP AC10 VCC AD10 VSSOSCP AB11 VCCP AC11 VCCOSCP AD11 VCCP AB12 VSS AC12 VCC AD12 PLL_LOCK AB13 UTP_OP_DATA[7] AC13 RESET_IN_N AD13 PWRON_RESET_N AB14 VCCP AC14 VCC AD14 UTP_OP_DATA[4] AB15 UTP_OP_SOC AC15 UTP_OP_DATA[1] AD15 UTP_OP_DATA[2] AB16 VSS AC16 UTP_OP_FCI AD16 VSS AA17 VCC AB17 UTP_IP_DATA[6] AC17 UTP_OP_ADDR[1] AD17 UTP_OP_ADDR[3] AA18 UTP_IP_FCI AB18 VCCP AC18 VCC AD18 UTP_IP_DATA[7] AA19 UTP_IP_ADDR[0] AB19 UTP_IP_CLK AC19 UTP_IP_DATA[2] AD19 VCCP AA20 VSS AB20 UTP_IP_ADDR[1] AC20 UTP_IP_SOC AD20 UTP_IP_DATA[1] AA21 VCC AB21 SCANTESTMODE_N AC21 VCC AD21 UTP_IP_ADDR[4] AA22 TXDATA1 AB22 VCCP AC22 JTG_TRST_N AD22 VSS AA23 VSS AB23 CTS0_N AC23 VCC AD23 JTG_TDO AA24 GPIO[3] AB24 CTS1_N AC24 RXDATA0 AD24 VSS AA25 VSS AB25 VCCP AC25 RTS1_N AD25 TXDATA0 AA26 GPIO[7] AB26 GPIO[4] AC26 GPIO[2] AD26 RTS0_N Table 21. Ball Map Assignment for the Intel® IXP425 Network Processor (Sheet 6 of 7) Ball Signal Ball Signal Ball Signal Ball Signal Note: Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and requirements, see Section 3.0, “Functional Signal Descriptions” on page 33. |