| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/62P Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62P Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 87 page ![]() M16C/62 Group (M16C/62P, M16C/62PT) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER REJ03B0001-0210Z Rev.2.10 Nov. 07, 2003 4 8 f o 3 0 0 2 , 7 0 . v o N 0 1 . 2 . v e R page 1 1. Overview The M16C/62 group (M16C/62P, M16C/62PT) of single-chip microcomputers are built using the high-per- formance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 80-pin, 100-pin and 128-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 1M bytes of address space, they are ca- pable of executing instructions at high speed. In addition, this microcomputer contains a multiplier and DMAC which combined with fast instruction processing capability, makes it suitable for control of various OA, communication, and industrial equipment which requires high-speed arithmetic/logic operations. 1.1 Applications Audio, cameras, office/communications/portable/industrial equipment, automobile, etc Specifications written in this manual are believed to be accurate, but are not guaranteed to be entirely free of error. Specifications in this manual may be changed for functional or performance improvements. Please make sure your manual is the latest edition. |
Numéro de pièce similaire - M16C/62P |
|
Description similaire - M16C/62P |