Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GWIXP425BBT Fiches technique(PDF) 59 Page - Intel Corporation

No de pièce GWIXP425BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BBT Fiches technique(HTML) 59 Page - Intel Corporation

Back Button GWIXP425BBT Datasheet HTML 55Page - Intel Corporation GWIXP425BBT Datasheet HTML 56Page - Intel Corporation GWIXP425BBT Datasheet HTML 57Page - Intel Corporation GWIXP425BBT Datasheet HTML 58Page - Intel Corporation GWIXP425BBT Datasheet HTML 59Page - Intel Corporation GWIXP425BBT Datasheet HTML 60Page - Intel Corporation GWIXP425BBT Datasheet HTML 61Page - Intel Corporation GWIXP425BBT Datasheet HTML 62Page - Intel Corporation GWIXP425BBT Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
59
AE1
ETH_RXDATA0[3]
AF1
ETH_RXDATA0[2]
AE2
VCCP
AF2
ETH_MDIO
AE3
ETH_COL0
AF3
(Reserved)
AE4
ETH_TXEN1
AF4
ETH_TXDATA1[3]
AE5
VCCP
AF5
ETH_TXCLK1
AE6
ETH_RXDV1
AF6
ETH_RXDATA1[0]
AE7
VSS
AF7
ETH_CRS1
AE8
ETH_COL1
AF8
VSSOSC
AE9
VCCP
AF9
OSC_IN
AE10
VCCPLL1
AF10
VSSOSCP
AE11
VSS
AF11
OSC_OUT
AE12
VCCPLL2
AF12
VCCOSC
AE13
VCCP
AF13
BYPASS_CLK
AE14 UTP_OP_DATA[5] AF14
UTP_OP_DATA[6]
AE15
VSS
AF15
UTP_OP_DATA[3]
AE16
UTP_OP_FCO
AF16
UTP_OP_DATA[0]
AE17
VCCP
AF17
UTP_OP_CLK
AE18 UTP_OP_ADDR[2] AF18
UTP_OP_ADDR[4]
AE19
VSS
AF19
UTP_OP_ADDR[0]
AE20
UTP_IP_DATA[4]
AF20
UTP_IP_DATA[5]
AE21
VCCP
AF21
UTP_IP_DATA[3]
AE22
UTP_IP_FCO
AF22
UTP_IP_DATA[0]
AE23
VCCP
AF23
UTP_IP_ADDR[3]
AE24
JTG_TDI
AF24
UTP_IP_ADDR[2]
AE25
VCCP
AF25
JTG_TMS
AE26
HIGHZ_N
AF26
JTG_TCK
Table 21.
Ball Map Assignment for the Intel® IXP425 Network Processor (Sheet 7 of 7)
Ball
Signal
Ball
Signal
Ball
Signal
Ball
Signal
Note:
Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and
requirements, see Section 3.0, “Functional Signal Descriptions” on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More