Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GWIXP425BBT Fiches technique(PDF) 110 Page - Intel Corporation

No de pièce GWIXP425BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BBT Fiches technique(HTML) 110 Page - Intel Corporation

Back Button GWIXP425BBT Datasheet HTML 106Page - Intel Corporation GWIXP425BBT Datasheet HTML 107Page - Intel Corporation GWIXP425BBT Datasheet HTML 108Page - Intel Corporation GWIXP425BBT Datasheet HTML 109Page - Intel Corporation GWIXP425BBT Datasheet HTML 110Page - Intel Corporation GWIXP425BBT Datasheet HTML 111Page - Intel Corporation GWIXP425BBT Datasheet HTML 112Page - Intel Corporation GWIXP425BBT Datasheet HTML 113Page - Intel Corporation GWIXP425BBT Datasheet HTML 114Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
110
Document Number: 252479, Revision: 005
Figure 33.
Motorola* Simplex Read Mode
EX_CLK
EX_CS_N[0]
EX_ADDR[23:0]
EX_IOWAIT_N
EX_DATA[15:0]
Valid Data
EX_ALE
Valid Address
Trecov
Trdhold
EX_RD_N
(exp_mot_rnw)
EX_WR_N
(exp_mot_ds_n)
Trdsetup
Tad2valcs
1-4 Cycles
1-4 Cycles
1-16 Cycles
1-4 Cycles
1-16 Cycles
T1
T2
T3
T4
T5
B3753-001
Motorola* Simplex
Read Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More