Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSAP Fiches technique(PDF) 1 Page - Greystone Energy Systems Inc.

No de pièce TSAP
Description  ALL PURPOSE DUCT/IMMERSION TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GREYSTONE [Greystone Energy Systems Inc.]
Site Internet  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSAP Fiches technique(HTML) 1 Page - Greystone Energy Systems Inc.

  TSAP Datasheet HTML 1Page - Greystone Energy Systems Inc. TSAP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
ALL PURPOSE DUCT/IMMERSION TEMPERATURE SENSOR
TSAP SERIES
(#0201001092)
THERMOWELL MOUNTING
DUCT MOUNTING
T1-AP THERMOWELL ADAPTER
THERMOWELL PLACEMENT
MOUNTING STYLES
PRODUCT DESCRIPTION
The all purpose single point temperature sensor
utilizes a precision sensor encapsulated in a 6
mm (0.236”), 304 series stainless steel probe and
is available in various lengths. All probes provide
excellent heat transfer, fast response and resistance
to moisture penetration.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
In duct applications the probes are installed in
the side of the duct to monitor a single point
temperature within the duct. Select a probe length
that allows the probe to span the duct width.
Install the probe in a straight section of duct at a
suitable distance downstream from any heating,
cooling, or humidification devices.
For immersion applications ensure the probe is
installed in the appropriate length thermowell
for the pipe size. Thermal conductive compound
should be added inside the thermowell to provide
optimum thermal transfer.
For immersion applications, a T2 Series thermowell
is required. When using a T1 series thermowell an
adapter will be required.
SENSOR TYPE
Thermistor or RTD (see ordering chart)
SENSOR ACCURACY
Thermistors: ±0.2°C (±0.36°F) @ 25°C (77°F)
Platinum RTD’s: ±0.3°C (±0.54°F) @ 0°C (32°F)
Nickel RTD’s: ±0.4°C (±0.72°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6 mm (0.236”)
STANDARD LENGTHS
50, 100, 150, 200, 300, and 450 mm
(2”, 4”, 6”, 8”, 12”, and 18”)
ENCLOSURE
ABS, UL94-V0, IP65 (NEMA 4X)
C: includes terminal block
E: same as C, with thread adapter (1/2” NPT to M16), and cable gland fitting
TERMINATION
A: pigtail, 2 or 3 wire
C & E: terminal block, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
Various Probe Lengths
See Specifications
6 mm
(0.236")
76.2 mm
3.00"
0.5" NPT
Foam Gasket
304 Series S/S Probe
52.0 mm
2.05"


Numéro de pièce similaire - TSAP

FabricantNo de pièceFiches techniqueDescription
logo
3M Electronics
TSA 3M-TSA Datasheet
169Kb / 6P
Film Applicators for Textured Surfaces
March 2008
logo
Automatic Timing & Cont...
TSA ATC-TSA Datasheet
308Kb / 1P
Interval Solid-State Output
logo
3M Electronics
TSA-1 3M-TSA-1 Datasheet
169Kb / 6P
Film Applicators for Textured Surfaces
March 2008
logo
Automatic Timing & Cont...
TSA-100-AFC ATC-TSA-100-AFC Datasheet
308Kb / 1P
Interval Solid-State Output
TSA-100-ARC ATC-TSA-100-ARC Datasheet
308Kb / 1P
Interval Solid-State Output
More results

Description similaire - TSAP

FabricantNo de pièceFiches techniqueDescription
logo
BELIMO AIRCONTROLS (USA...
01DT-5AH BELIMO-01DT-5AH Datasheet
405Kb / 4P
Duct / Immersion Temperature Sensor
01DT-5BH BELIMO-01DT-5BH Datasheet
404Kb / 4P
Duct / Immersion Temperature Sensor
01DT-5EH BELIMO-01DT-5EH Datasheet
404Kb / 4P
Duct / Immersion Temperature Sensor
01DT-5LH BELIMO-01DT-5LH Datasheet
404Kb / 4P
Duct / Immersion Temperature Sensor
01DT-5MH BELIMO-01DT-5MH Datasheet
405Kb / 4P
Duct / Immersion Temperature Sensor
01DT-5QH BELIMO-01DT-5QH Datasheet
405Kb / 4P
Duct / Immersion Temperature Sensor
22DT-52H BELIMO-22DT-52H Datasheet
514Kb / 6P
Duct / Immersion Temperature Sensor
22DT-54H BELIMO-22DT-54H Datasheet
498Kb / 5P
Duct / Immersion Temperature Sensor
logo
Greystone Energy System...
TLAP GREYSTONE-TLAP Datasheet
440Kb / 2P
ALL PURPOSE DUCT/IMMERSION LOW LIMIT THERMOSTAT
TXAP GREYSTONE-TXAP Datasheet
322Kb / 2P
ALL PURPOSE DUCT/IMMERSION TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com