| Moteur de recherche de fiches techniques de composants électroniques |
|
GWIXP425BDT Fiches technique(PDF) 108 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GWIXP425BDT Fiches technique(HTML) 108 Page - Intel Corporation |
|
108 / 134 page ![]() Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor March 2005 Datasheet 108 Document Number: 252479, Revision: 005 Figure 32. Motorola* Multiplexed Write Mode EX_CLK EX_CS_N[0] EX_ADDR[23:0] EX_RD_N (exp_mot_rnw) EX_ALE EX_WR_N (exp_mot_ds_n) Valid Address T recov EX_DATA[15:0] T dval2valds T ale2addrhold T dspulse T alepulse T ale2valcs 2-5 Cycles ALE Extended 1-4 Cycles 1-16 Cycles 1-4 Cycles 1-16 Cycles T1 T2 T3 T4 T5 EX_IOWAIT_N B3752-001 Motorola* Multiplexed Write Mode Valid Data Valid Address |