Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GWIXP425BDT Fiches technique(PDF) 7 Page - Intel Corporation

No de pièce GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Fiches technique(HTML) 7 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 3Page - Intel Corporation GWIXP425BDT Datasheet HTML 4Page - Intel Corporation GWIXP425BDT Datasheet HTML 5Page - Intel Corporation GWIXP425BDT Datasheet HTML 6Page - Intel Corporation GWIXP425BDT Datasheet HTML 7Page - Intel Corporation GWIXP425BDT Datasheet HTML 8Page - Intel Corporation GWIXP425BDT Datasheet HTML 9Page - Intel Corporation GWIXP425BDT Datasheet HTML 10Page - Intel Corporation GWIXP425BDT Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
7
48
MII Output Timings Values ......................................................................................................... 98
49
MII Input Timings Values ............................................................................................................ 98
50
MDIO Timings Values................................................................................................................. 99
51
SDRAM Input Timings Values .................................................................................................. 100
52
SDRAM Output Timings Values ............................................................................................... 100
53
Signal Timing With Respect to Clock Rising Edge ................................................................... 101
54
Intel® Multiplexed Mode Values................................................................................................ 104
55
Intel Simplex Mode Values ....................................................................................................... 106
56
Motorola* Multiplexed Mode Values ......................................................................................... 109
57
Motorola* Simplex Mode Values............................................................................................... 112
58
HPI Timing Symbol Description ................................................................................................115
59
HPI-8 Mode Write Access Values............................................................................................. 115
60
HPI-16 Multiplexed Write Accesses Values.............................................................................. 117
61
HPI-16 Multiplexed Read Accesses Values ............................................................................. 119
62
HPI-16 Simplex Read Accesses Values................................................................................... 121
63
HPI-16 Simplex Write Accesses Values ................................................................................... 123
64
High-Speed, Serial Timing Values............................................................................................126
65
Boundary-Scan Interface Timings Values ................................................................................ 127
66
Reset Timings Table Parameters ............................................................................................. 129
67
ICC and Total Average Power – Commercial Temperature Range...........................................131
68
ICC and Total Average Power – Extended Temperature Range...............................................132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More