Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G53DP Fiches technique(PDF) 2 Page - Nexperia B.V. All rights reserved

No de pièce 74LVC2G53DP
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G53DP Fiches technique(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC2G53DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G53DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Nexperia
74LVC2G53
2-channel analog multiplexer/demultiplexer
4. Marking
Table 2. Marking codes
Type number
Marking code[1]
74LVC2G53DP
V53
74LVC2G53DC
V53
74LVC2G53GT
V53
74LVC2G53GN
V3
74LVC2G53GS
V3
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
001aah795
S
Z
E
Y0
Y1
Fig. 1. Logic symbol
001aad387
Z
Y0
S
Y1
E
Fig. 2. Logic diagram
6. Pinning information
6.1. Pinning
74LVC2G53
Z
VCC
E
Y0
GND
Y1
GND
S
001aae798
1
2
3
4
6
5
8
7
Fig. 3. Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
74LVC2G53
Y1
Y0
VCC
S
GND
E
Z
GND
001aae800
3
6
2
7
1
8
4
5
Transparent top view
Fig. 4. Pin configuration SOT833-1, SOT1116 and
SOT1203 (XSON8)
74LVC2G53
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 14 — 22 April 2021
2 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23