Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTPWSG Fiches technique(PDF) 22 Page - ams AG

No de pièce LTPWSG
Description  With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

LTPWSG Fiches technique(HTML) 22 Page - ams AG

Back Button LTPWSG Datasheet HTML 15Page - ams AG LTPWSG Datasheet HTML 16Page - ams AG LTPWSG Datasheet HTML 17Page - ams AG LTPWSG Datasheet HTML 18Page - ams AG LTPWSG Datasheet HTML 19Page - ams AG LTPWSG Datasheet HTML 20Page - ams AG LTPWSG Datasheet HTML 21Page - ams AG LTPWSG Datasheet HTML 22Page - ams AG LTPWSG Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
LT PWSG
22 Version 1.3 | 2021-07-15
Revision History
Version
Date
Change
1.2
2019-07-05
Ordering Information
1.3
2021-07-15
Features
Schematic Transportation Box
Dimensions of Transportation Box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23