Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSP476 Fiches technique(PDF) 14 Page - ams AG

No de pièce LSP476
Description  With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

LSP476 Fiches technique(HTML) 14 Page - ams AG

Back Button LSP476 Datasheet HTML 10Page - ams AG LSP476 Datasheet HTML 11Page - ams AG LSP476 Datasheet HTML 12Page - ams AG LSP476 Datasheet HTML 13Page - ams AG LSP476 Datasheet HTML 14Page - ams AG LSP476 Datasheet HTML 15Page - ams AG LSP476 Datasheet HTML 16Page - ams AG LSP476 Datasheet HTML 17Page - ams AG LSP476 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LS P476
14 Version 1.2 | 2019-07-15
Taping 9)
Taping 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23